Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25115SD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25115SD
Description  Secondary Side Post Regulator Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25115SD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM25115SD Datasheet HTML 9Page - National Semiconductor (TI) LM25115SD Datasheet HTML 10Page - National Semiconductor (TI) LM25115SD Datasheet HTML 11Page - National Semiconductor (TI) LM25115SD Datasheet HTML 12Page - National Semiconductor (TI) LM25115SD Datasheet HTML 13Page - National Semiconductor (TI) LM25115SD Datasheet HTML 14Page - National Semiconductor (TI) LM25115SD Datasheet HTML 15Page - National Semiconductor (TI) LM25115SD Datasheet HTML 16Page - National Semiconductor (TI) LM25115SD Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Voltage Mode Control with Current Injection (Continued)
Current Limiting (CS, CO and
VOUT)
Current limiting is implemented through the current sense
amplifier as illustrated in Figure 6. The current sense ampli-
fier monitors the inductor current that flows through a sense
resistor connected between CS and VOUT. The voltage gain
of the current sense amplifier is nominally equal to 16. The
output of current sense amplifier is level shifted by 1.27V to
produce the internal CV reference signal. The CV signal
drives a current limit amplifier with nominal transconduc-
tance of 16mA/V. The current limit amplifier has an open
drain (sink only) output stage and its output pin, CO is
typically connected to the COMP pin. During normal opera-
tion, the voltage error amplifier controls the COMP pin volt-
age which adjusts the PWM duty cycle by varying the inter-
nal CRMIX level (Figure 4). However, when the current
sense input voltage V
CL exceeds 45mV, the current limit
amplifier pulls down on COMP through the CO pin. Pulling
COMP low reduces the CRMIX signal below the CV signal
level. When CRMIX does not exceed the CV signal, the
PWM comparator inhibits output pulses until the CRMIX
signal increases to a normal operating level.
A current limit fold-back feature is provided by the LM25115
to reduce the peak output current delivered to a shorted
load. When the common mode input voltage to the current
sense amplifier (CS and VOUT pins) falls below 2V, the
current limit threshold is reduced from the normal level. At
common mode voltages > 2V, the current limit threshold is
nominally 45mV. When VOUT is reduced to 0V the current
limit threshold drops to 36mV to reduce stress on the induc-
tor and power MOSFETs.
Negative Current Limit
When inductor current flows from the regulator output
through the low side MOSFET, the input to the current sense
comparator becomes negative. The intent of the negative
current comparator is to protect the low-side MOSFET from
excessive currents. Negative current can lead to large nega-
tive voltage spikes on the output at turn off which can dam-
age circuitry powered by the output. The negative current
comparator threshold is sufficiently negative to allow induc-
tor current to reverse at no load or light load conditions. It is
not intended to support discontinuous conduction mode with
diode emulation by the low-side MOSFET. The negative
current comparator illustrated in Figure 6 monitors the CV
signal and compares this signal to a fixed 1V threshold. This
corresponds to a negative V
CL voltage between CS and
VOUT of -17mV. The negative current limit comparator turns
off the low-side MOSFET for the remainder of the cycle when
the V
CL input falls below this threshold.
Gate Drivers Outputs (HO & LO)
The LM25115 provides two gate driver outputs, the floating
high-side gate driver HO and the synchronous rectifier low-
side driver LO. The low-side driver is powered directly by the
VCC regulator. The high-side gate driver is powered from a
bootstrap capacitor connected between HB and HS. An
external diode connected between VCC and HB charges the
bootstrap capacitor when the HS is low. When the high-side
MOSFET is turned on, HB rises with HS to a peak voltage
equal to VCC + V
HS -VD where VD is the forward drop of the
external bootstrap diode. Both output drivers have adaptive
dead-time control to avoid shoot through currents. The adap-
tive dead-time control circuit monitors the state of each
driver to ensure that the opposing MOSFET is turned off
before the other is turned on. The HB and VCC capacitors
should be placed close to the pins of the LM25115 to mini-
20172616
FIGURE 7. Voltage Sensing and Feedback
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com