Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.2/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.2/NOPB
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.2/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP2985IM5-3.2/NOPB Datasheet HTML 25Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 26Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 27Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 28Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 29Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 30Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 31Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 32Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
• Texas Instruments, Semiconductor and IC Package Thermal Metrics application note
• Texas Instruments, Using New Thermal Metrics application note
• Texas Instruments, Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs
application note
9.2 Device Nomenclature
Table 9-1. Available Options(1)
PRODUCT
VOUT
LP2985cxxxz-y.y/NOPB
Legacy chip
xxx is the package designator. z is the package quantity. X is for large quantity reel and
non-X is for small quantity reel.
y.y is the nominal output voltage (for example, 3.3 = 3.3 V; 5.0 = 5.0 V). c is the accuracy
specification, A for higher accuracy and non-A for standard grade.
LP2985Axxxz-y.y/M3
New chip
xxx is the package designator. z is the package quantity. X is for large quantity reel and
non-X is for small quantity reel
y.y is the nominal output voltage (for example, 3.3 = 3.3 V; 5.0 = 5.0 V).
M3 is a suffix designator for newer chip redesigns, fabricated on the latest TI process
technology.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
9.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com