Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.3
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LP2985IM5-3.3 Datasheet HTML 1Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 2Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 3Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 4Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 5Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 6Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 7Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 8Page - Texas Instruments LP2985IM5-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 9
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagrams....................................... 15
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 19
8.1 Application Information............................................. 19
8.2 Typical Application.................................................... 22
8.3 Power Supply Recommendations.............................27
8.4 Layout....................................................................... 27
9 Device and Documentation Support............................29
9.1 Documentation Support............................................ 29
9.2 Device Nomenclature................................................29
9.3 Receiving Notification of Documentation Updates....29
9.4 Support Resources................................................... 29
9.5 Trademarks...............................................................29
9.6 Electrostatic Discharge Caution................................29
9.7 Glossary....................................................................29
10 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision Y (December 2016) to Revision Z (May 2023)
Page
• Added M3-suffix devices to document................................................................................................................1
• Changed entire document to align with new format and updated detailed description of the features,
functions, and applications of the LDO...............................................................................................................1
• Added links to Applications section.................................................................................................................... 1
• Added M3-suffix (new chip) curves to Typical Characteristics section............................................................... 9
• Added Block Diagram for New Chip to Functional Block Diagrams section..................................................... 15
• Added M3-suffix (new chip) curves to Application Curves section................................................................... 23
Changes from Revision X (May 2015) to Revision Y (December 2016)
Page
• Added top nav icon for TI Designs .................................................................................................................... 1
• Deleted "Smallest Possible Size (SOT-23 Package)" from Features ................................................................ 1
• Deleted all information re: DSBGA package - it is no longer available ............................................................. 1
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com