Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DB803DGILF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 9DB803DGILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGILF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 9DB803DGILF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 18Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 19Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 20Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 21Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 22Page - Renesas Technology Corp 9DB803DGILF Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
20
ICS9DB803D
REV N 071013
Package Outline and Package Dimensions (48-pin SSOP)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“D” is the device revision designator (will not correlate with the datasheet revision).
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
INDEX
AREA
1 2
48
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
2.412.80.095
.110
A1
0.20
0.40
.008
.016
b
0.200.34.008
.0135
c
0.130.25.005
.010
D
15.75
16.00
.620
.630
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
0.635 BASIC
0.025 BASIC
h
0.380.64.015
.025
L
0.501.02.020
.040
0
8
0
8
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
9DB803DGLF
9DB803DGLF
Tubes
48-pin TSSOP
0 to +70° C
9DB803DGLFT
9DB803DGLF
Tape and Reel
48-pin TSSOP
0 to +70° C
9DB803DGILF
9DB803DGILF
Tubes
48-pin TSSOP
-40 to +85° C
9DB803DGILFT
9DB803DGILF
Tape and Reel
48-pin TSSOP
-40 to +85° C
9DB803DFLF
9DB803DFLF
Tubes
48-pin SSOP
0 to +70° C
9DB803DFLFT
9DB803DFLF
Tape and Reel
48-pin SSOP
0 to +70° C
9DB803DFILF
9DB803DFILF
Tubes
48-pin SSOP
-40 to +85° C
9DB803DFILFT
9DB803DFILF
Tape and Reel
48-pin SSOP
-40 to +85° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com