Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS355BGLFT Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9LPRS355BGLFT
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS355BGLFT Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9LPRS355BGLFT Datasheet HTML 9Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 10Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 11Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 12Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 13Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 14Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 15Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 16Page - Renesas Technology Corp 9LPRS355BGLFT Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
ICS9LPRS355
Datasheet
1205—06/24/14
AC Electrical Characteristics - Input/Common Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Clk Stabilization
T
STAB
From VDD Power-Up or de-
assertion of PD# to 1st clock
1.8
ms
1
Tdrive_SRC
T
DRSRC
SRC output enable after
PCI_STOP# de-assertion
15
ns
1
Tdrive_PD#
T
DRPD
Differential output enable after
PD# de-assertion
300
us
1
Tdrive_CPU
T
DRSRC
CPU output enable after
CPU_STOP# de-assertion
10
ns
1
Tfall_PD#
T
FALL
5ns
1
Trise_PD#
T
RISE
5ns
1
Fall/rise time of PD#, PCI_STOP#
and CPU_STOP# inputs
AC Electrical Characteristics - Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Rising Edge Slew Rate
t
SLR
Differential Measurement
2.5
8
V/ns
1,2
Falling Edge Slew Rate
t
FLR
Differential Measurement
2.5
8
V/ns
1,2
Slew Rate Variation
t
SLVAR
Single-ended Measurement
20
%
1
Maximum Output Voltage
V
HIGH
Includes overshoot
1150
mV
1
Minimum Output Voltage
V
LOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
V
SWING
Differential Measurement
300
mV
1
Crossing Point Voltage
V
XABS
Single-ended Measurement
300
550
mV
1,3,4
Crossing Point Variation
V
XABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle
D
CYC
Differential Measurement
45
55
%
1
CPU Jitter - Cycle to Cycle
CPUJ
C2C
Differential Measurement
85
ps
1
SRC Jitter - Cycle to Cycle
SRCJ
C2C
Differential Measurement
125
ps
1
DOT Jitter - Cycle to Cycle
DOTJ
C2C
Differential Measurement
250
ps
1
CPU[1:0] Skew
CPU
SKEW10
Differential Measurement
100
ps
1
CPU[2_ITP:0] Skew
CPU
SKEW20
Differential Measurement
150
ps
1
SRC[10:0] Skew
SRC
SKEW
Differential Measurement
TBD
ps
1
Electrical Characteristics - 27MHz_Spread / 27MHz_NonSpread
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
-50
50
1,2
-15
15
1,2,3
Clock period
T
peri od
27.000MHz output nominal
37.0365
37.0376
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.55
V
1
V
OH @MIN = 1.0 V
-29
mA
1
V
OH@MAX = 3.135 V
-23
mA
1
V
OL @ MIN = 1.95 V
29
mA
1
V
OL @ MAX = 0.4 V
27
mA
1
Edge Rate
t
slewr/f
Rising/Falling edge rate
1
4
V/ns
1
Rise Time
t
r1
V
OL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
t
f1
V
OH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
t
ltj
Long Term (10us)
800
ps
1
t
jpk-pk
-200
200
ps
1
t
jcyc-cyc
V
T = 1.5 V
200
ps
1
Long Accuracy
ppm
see Tperiod min-max values
ppm
Output High Current
I
OH
Output Low Current
I
OL
3 At nominal voltage and temperature
Jitter
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 20 pF with Rs = 7
Ω
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com