Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS365BGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS365BGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9LPRS365BGLF Datasheet HTML 1Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 2Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 3Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 4Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 5Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 6Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 7Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 8Page - Renesas Technology Corp 9LPRS365BGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
Recommended Application:
CK505 compliant clock with fully integrated voltage regulator
and Internal series resistor on differential outputs
Output Features:
•
2 - CPU differential low power push-pull pairs
•
9 - SRC differential low power push-pull pairs
•
1 - CPU/SRC selectable differential low power push-pull pair
•
1 - SRC/DOT selectable differential low power push-pull pair
•
5 - PCI, 33MHz
•
1 - PCI_F, 33MHz free running
•
1 - USB, 48MHz
•
1 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 100ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
•
Does not require external pass transistor for voltage
regulator
•
Integrated 33ohm series resistors on differential outputs,
Zo=50
Ω
•
Supports spread spectrum modulation, default is 0.5% down
spread
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Selectable between one SRC differential push-pull pair
and two single-ended outputs
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
96.00
Reserved
100.00
33.33
14.318
48.00
Table 1: CPU Frequency Select Table
64-TSSOP
27_Select (power on latch)
0
1
DOT96, LCD_SS
SRC0, 27MHz Non SS & SS
Byte1 bit7 = 1.
Byte1 bit7 = 0.
Pin13/14 & Pin17/18
Pin Configuration
PCI0/CR#_A 1
64 SCLK
VDDPCI 2
63 SDATA
PCI1/CR#_B 3
62 REF0/FSLC/TEST_SEL
PCI2/TME 4
61 VDDREF
PCI3 5
60 X1
PCI4/27_Select 659 X2
PCI_F5/ITP_EN 7
58 GNDREF
GNDPCI 8
57 FSLB/TEST_MODE
VDD48 9
56 CK_PWRGD/PD#
USB_48MHz/FSLA 10
55 VDDCPU
GND4811
54CPUT0
VDD96_IO 12
53 CPUC0
SRCT0/DOTT_96 13
52 GNDCPU
SRCC0/DOTC_96 14
51 CPUT1_F
GND 15
50 CPUC1_F
VDDPLL3 16
49 VDDCPU_IO
27MHz_NonSS/SRCT1/SE1 17
48 NC
27MHz_SS/SRCC1/SE2 18
47 CPUT2_ITP/SRCT8
GND 19
46 CPUC2_ITP/SRCC8
VDDPLL3_IO 20
45 VDDSRC_IO
SRCT2/SATAT 21
44 SRCT7/CR#_F
SRCC2/SATAC 22
43 SRCC7/CR#_E
GNDSRC 23
42 GNDSRC
SRCT3/CR#_C 24
41 SRCT6
SRCC3/CR#_D 25
40 SRCC6
VDDSRC_IO 26
39 VDDSRC
SRCT427
38PCI_STOP#
SRCC4 28
37 CPU_STOP#
GNDSRC 29
36 VDDSRC_IO
SRCT930
35SRCC10
SRCC9 31
34 SRCT10
SRCC11/CR#_G 32
33 SRCT11/CR#_H
64-TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - 9LPRS365BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLFT IDT-9LPRS355BGLFT Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
9LPRS355BGLFT RENESAS-9LPRS355BGLFT Datasheet
379Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
More results

Similar Description - 9LPRS365BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS501 RENESAS-ICS9LPRS501 Datasheet
386Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com