Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS511 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9LPRS511
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9LPRS511 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS511 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Table1: CPU PLL Frequency Selection Table
B0b4
B0b3
B0b2
B0b1
B0b0
CPU
PCIEX
(B21b7 = 1)
Spread
FSLC
FSLB
FSLA
MHz
MHz
%
0
0
0
0
0
266.66
100.00
0-0.5% Down
0
0
0
0
1
133.33
100.00
0-0.5% Down
0
0
0
1
0
200.00
100.00
0-0.5% Down
0
0
0
1
1
166.66
100.00
0-0.5% Down
0
0
1
0
0
333.33
100.00
0-0.5% Down
0
0
1
0
1
100.00
100.00
0-0.5% Down
0
0
1
1
0
400.00
100.00
0-0.5% Down
0
0
1
1
1
200.00
100.00
0-0.5% Down
0
1
0
0
0
266.66
100.00
+/-0.25% Center
0
1
0
0
1
133.33
100.00
+/-0.25% Center
0
1
0
1
0
200.00
100.00
+/-0.25% Center
0
1
0
1
1
166.66
100.00
+/-0.25% Center
0
1
1
0
0
333.33
100.00
+/-0.25% Center
0
1
1
0
1
100.00
100.00
+/-0.25% Center
0
1
1
1
0
400.00
100.00
+/-0.25% Center
0
1
1
1
1
200.00
100.00
+/-0.25% Center
1
0
0
0
0
269.33
101.00
+/- 0.3% Center
1
0
0
0
1
134.66
101.00
+/- 0.3% Center
1
0
0
1
0
202.00
101.00
+/- 0.3% Center
1
0
0
1
1
168.33
101.00
+/- 0.3% Center
1
0
1
0
0
274.66
103.00
+/- 0.3% Center
1
0
1
0
1
137.33
103.00
+/- 0.3% Center
1
0
1
1
0
206.00
103.00
+/- 0.3% Center
1
011
1
N/A
N/A
+/- 0.3% Center
1
1
0
0
0
279.99
105.00
+/- 0.3% Center
1
1
0
0
1
140.00
105.00
+/- 0.3% Center
1
1
0
1
0
210.00
105.00
+/- 0.3% Center
1
101
1
N/A
N/A
+/- 0.3% Center
1
1
1
0
0
285.33
107.00
+/- 0.3% Center
1
1
1
0
1
142.66
107.00
+/- 0.3% Center
1
1
1
1
0
214.00
107.00
+/- 0.3% Center
1
111
1
N/A
N/A
+/- 0.3% Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com