Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS511YGLF-T Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LPRS511YGLF-T
Description  Low Power Programmable Timing Control Hub™ for P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS511YGLF-T Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LPRS511YGLF-T Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS511YGLF-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Pin Description
Pin#
Pin Name
Type Pin Description
1
**RLATCH
IN
Asynchronous input pin used in combination with VTTPWRGD signal to determine
whether to reset I2c.
2
GND
PWR Ground pin.
3
VDD
PWR Power supply, nominal 3.3V
4
**GSEL/24.576Mhz
I/O
Latch input to select PCIEX0 and DOT96 output. GSEL = 1, selects DOT 96Mhz ;
GSEL = 0, selects PCIEX0. /
24.576Mhz clock output
5
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
6
GND
PWR Ground pin.
7
**DOC_1
IN
Dynamic Over Clocking pin: real time frequency selection 0: Normal; 1: Frequency will
transition to a preprogrammed value in the I2c.
8
PCICLK0
OUT
PCI clock output.
9
PCICLK1_3x
OUT
Programmable 3x strength PCICLK, default 2x
10
FSLB/PCICLK2_2x
I/O
3.3V tolerant input for CPU frequency selection. Low voltage threshold inputs, see
input electrical characteristics for Vil_FS and Vih_FS values. / 3.3V PCI clock output.
11
SELRSET/RESET#/PCICLK3
I/O
Latch select input pin. SELRSET = 0, selects PCICLK, SELRSET = 1 selects
RESET#
12
PCICLK4
OUT
PCI clock output.
13
**DOC_0
IN
Dynamic Over Clocking pin: real time frequency selection 0: Normal; 1: Frequency will
transition to a preprogrammed value in the I2c.
14
VDD48
PWR Power pin for the 48MHz output.3.3V
15
FSLA/USB_48MHz
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / Fixed 48MHz USB clock output. 3.3V.
16
*SEL24_48#/24_48Mhz
I/O
Latched select input for 24/48MHz output / 24/48MHz clock output. 1=24MHz, 0 =
48MHz.
17
GND
PWR Ground pin.
18
Vtt_PwrGd/WOL_STOP#
IN
This active high 3.3V LVTTL input is a level sensitive strobe used to determine when
latch inputs are valid and are ready to be sampled / Asynchronous active low input pin
that stops all outputs except free running 25Mhz
19
DOT96T_LR/PCIeT_LR0
OUT
True clock of differential pair for 96.00MHz non-spreading DOT clock/ True clock of
PCIEX0 Clock pair - selectable by GSEL; both 0.75V differential pairs are 0.75V push-
pull outputs with integrated 33ohm series resistor.
20
DOT96C_LR/PCIeC_LR0
OUT
Complementary clock of differential pair for 96.00MHz non-spreading DOT clock/
Complementary clock of PCIEX0 Clock pair - selectable by GSEL; both 0.75V
differential pairs are 0.75V push-pull outputs with integrated 33ohm series resistor.
21
GND
PWR Ground pin.
22
PCIeT_LR1
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
23
PCIeC_LR1
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
24
PCIeT_LR2
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
25
PCIeC_LR2
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
26
GND
PWR Ground pin.
27
PCIeT_LR3
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
28
PCIeC_LR3
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
29
PCIeT_LR4
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
30
PCIeC_LR4
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
31
GND
PWR Ground pin.
32
VDDPCIEX
PWR Power supply for PCI Express clocks, nominal 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com