Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS525 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS525 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPRS525 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS525 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
IDT®
PC MAIN CLOCK
1484F—08/10/12
ICS9LPRS525
PC MAIN CLOCK
17
Byte 12 Byte Count Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5BC5
RW
0
4BC4
RW
0
3BC3
RW
1
2BC2
RW
1
1BC1
RW
0
0BC0
RW
1
Byte 13 to 28 Reserved
Byte 29 Slew Rate Control
Bit
Pin
Name
Description
RW
0
1
Default
7
USB_Slew1
USB Slew Rate Control (MSB)
RW
1
6
USB_Slew0
USB Slew Rate Control (LSB)
RW
0
5
PCI_Slew1
PCI Slew Rate Control (MSB)
RW
1
4
PCI_Slew0
PCI Slew Rate Control (LSB)
RW
1
3
Reserved
RW
1
2
REF Slew Rate
Changes Ref Slew Rate
RW
1.2V/ns
2.2V/ns
1
1
Reserved
RW
0
0
Reserved
RW
0
Read Back byte count register,
max bytes = 32
See Slew Rate Selection Table
See Slew Rate Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com