Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9P936 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp ICS9P936 Datasheet HTML 10Page - Renesas Technology Corp ICS9P936 Datasheet HTML 11Page - Renesas Technology Corp ICS9P936 Datasheet HTML 12Page - Renesas Technology Corp ICS9P936 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
10
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
.10 (.004) C
.10 (.004) C
c
L
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
209 mil SSOP
MIN
MAX
MIN
MAX
A
--
2.00
--
.079
A1
0.05
--
.002
--
A2
1.65
1.85
.065
.073
b
0.22
0.38
.009
.015
c
0.09
0.25
.0035
.010
D
E
7.40
8.20
.291
.323
E1
5.00
5.60
.197
.220
e
L
0.55
0.95
.022
.037
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.90
10.50
.390
.413
10-0033
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
0.0256 BASIC
Reference Doc.: JEDEC Publication 95, MO-150
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
28-pin SSOP Package Drawing and Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com