Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5133 Datasheet(PDF) 21 Page - Catalyst Semiconductor

Part # CAT5133
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5133 Datasheet(HTML) 21 Page - Catalyst Semiconductor

Back Button CAT5133 Datasheet HTML 17Page - Catalyst Semiconductor CAT5133 Datasheet HTML 18Page - Catalyst Semiconductor CAT5133 Datasheet HTML 19Page - Catalyst Semiconductor CAT5133 Datasheet HTML 20Page - Catalyst Semiconductor CAT5133 Datasheet HTML 21Page - Catalyst Semiconductor CAT5133 Datasheet HTML 22Page - Catalyst Semiconductor CAT5133 Datasheet HTML 23Page - Catalyst Semiconductor CAT5133 Datasheet HTML 24Page - Catalyst Semiconductor CAT5133 Datasheet HTML 25Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
19
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
2-Wire Serial EEPROM Family
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/
Max Clock Frequency
Voltage
Range
Package (Pin Count)1
SOIC
TDFN
CAT24C00
I,E
128b (16x8)
2mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
5
8
CAT24C01B
C,I,A
1Kb (128x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
8
8
I2C Bus Serial EEPROM Family with Full Array Write Protect
CAT24WC01
C,I,A,E
1Kb (128x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 6.0V
8
8
8
8
CAT24FC01
I,E
1Kb (128x8)
3mA/1µA
2.5V/400kHz
1.8 - 5.5V
8
8
8
8
CAT24WC02
C,I,A,E
2Kb (256x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
8
CAT24FC02
I,E
2Kb (256x8)
3mA/1µA
2.5V/400kHz
1.8 - 5.5V
8
8
8
8
CAT24WC04
C,I,A,E
4Kb (512x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
8
CAT24WC08
C,I,A,E
8Kb (1024x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
CAT24WC16
C,I,A,E
16Kb (2048x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
CAT24FC16
I,E
16Kb (2048x8)
3mA/1µA
2.5V/400kHz
1.8 - 5.5V
8
8
8
8
8
CAT24WC164
C,I,A,E
16Kb (2048x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
8
CAT24WC32
C,I,A,E
32Kb (4096x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
CAT24FC32
I,E
32Kb (4096x8)
3mA/1µA
2.5V/400kHz
2.5 - 5.5V
8
8
8
8
CAT24WC64
C,I,A,E
64Kb(8192x8)
3mA/1µA
1.8V/100kHz,2.5V/100kHz,4.5V/400kHz 1.8 - 5.5V
8
8
8
CAT24FC64
I,E
64Kb (8192x8)
3mA/1µA
2.5V/400kHz
2.5 - 5.5V
8
8
8
8
8
CAT24WC128
C,I,A,E
128Kb (16Kx8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
14
CAT24AC128
C,I,E
128Kb (16Kx8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
14
CAT24WC256
C,I,A,E
256Kb (32Kx8)
3mA/1µA
1.8V/100kHz,2.5V/400kHz
1.8 - 5.5V
8
8
8
CAT24FC256
I,A,E
256Kb (32Kx8)
3mA/1µA
1.8V/400kHz,2.5V/1MHz
1.8 - 5.5V
8
8
8
s e r i a l e e p r o m s
Note:
1. Available in standard and“green”packages.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com