Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6136ER1/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6136ER1/TR
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136ER1/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6136ER1/TR Datasheet HTML 4Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 5Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 6Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 7Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 8Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 9Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 10Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 11Page - Sipex Corporation SP6136ER1/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
APPLICATION INFORMATION
Increasing the Current Limit
If it is desired to set Imax > {60mV / DCR} (in
this case larger than 4.6A), then a resistor
RS3
should be added as shown in figure 2.
RS3 forms a resistor divider and reduces the
voltage seen by the comparator.
Since: 60mV
(Imax • DCR)
RS3
=
{RS + RS2 + RS3}
Solving for RS3 we get:
RS3 =
[60mV • (RS + RS2)]
.......()
[(Imax • DCR) – 60mV]
As an example: if desired Imax is 7A, then
RS3
= 63.4KW.
Figure 2- Over-current detection circuit
for Imax > 60mV / DCR
Decreasing the Current Limit
If it is required to set Imax < {60mV / DCR}, a
resistor is added as shown in figure 3. RS3
increases the net voltage detected by the
current-sense comparator. Voltage at the
positive and negative terminal of compara-
tor is given by:
VSP = Vout + (Imax • DCR)
VSN = Vout •
{R
S3 / (RS2 + RS3)}
Since the comparator is triggered at 60mV:
VSP-VSN = 60 mV
Combining the above equations and solv-
ing for RS3:
RS3 =
RS2 • [Vout - 60mV + (IMAX•DCR)].........(2)
60mV - (IMAX • DCR)
As an example: for Imax of 2Aand Vout of 3.3V,
calculated RS3 is .5MW
(232KW standard).
Figure 3- Over-current detection circuit
for Imax < {60mV / DCR}
Power MOSFET Selection
There are four main criterion in selecting
Power MOSFETs for buck conversion:
●
Voltage rating BVdss
●
On resistance Rds(on)
●
Gate-to-drain charge Qgd
●
Package type
In order to better illustrate the MOSFET se-
lection process, the following buck converter
design example will be used: Vin = 2V, Vout
= 3.3V, Iout
= 10A, f = 2000KHz, DCR =
4.5m
W
(inductor DC resistance), efficiency
= 94% and Ta
= 40˚C.
Select the voltage rating based on maximum
input voltage of the converter. A commonly
used practice is to specify BVdss at least
twice the maximum converter input voltage.
This is done to safeguard against switching
transients that may break down the MOSFET.
For converters with Vin of less than 0V, a
RS3
63.4
K
CSP
6.8nF
SWN
ISP
ISN
SP613X
CS
0.uF
RS2
5.
K
RS
5.
K
L = 2.7uH, DCR = 4.mOhm
Vout
CSP
6.8nF
ISN
SP613X
SWN
ISP
CS
0.uF
RS2
5.
K
RS
5.
11K
Vout
L = 2.7uH, DCR = 4.mOhm
RS3
.5MOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com