Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG10/X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG10/X
Description  NPN 2 GHz RF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG10/X Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG10/X Datasheet HTML 1Page - NXP Semiconductors BFG10/X Datasheet HTML 2Page - NXP Semiconductors BFG10/X Datasheet HTML 3Page - NXP Semiconductors BFG10/X Datasheet HTML 4Page - NXP Semiconductors BFG10/X Datasheet HTML 5Page - NXP Semiconductors BFG10/X Datasheet HTML 6Page - NXP Semiconductors BFG10/X Datasheet HTML 7Page - NXP Semiconductors BFG10/X Datasheet HTML 8Page - NXP Semiconductors BFG10/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1995 Aug 31
5
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
SPICE parameters for the BFG10 crystal
Note
1. These parameters have not been extracted,
the default values are shown.
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
2.714
fA
2
BF
102.8
−
3
NF
0.998
−
4
VAF
28.12
V
5
IKF
6.009
A
6
ISE
403.2
pA
7
NE
2.937
−
8
BR
31.01
−
9
NR
0.999
−
10
VAR
2.889
V
11
IKR
0.284
A
12
ISC
1.487
fA
13
NC
1.100
−
14
RB
3.500
Ω
15
IRB
1.000
µA
16
RBM
3.500
Ω
17
RE
0.217
Ω
18
RC
0.196
Ω
19(1)
XTB
0.000
−
20(1)
EG
1.110
eV
21(1)
XTI
3.000
−
22
CJE
5.125
pF
23
VJE
0.600
V
24
MJE
0.367
−
25
TF
12.07
ps
26
XTF
99.40
−
27
VTF
7.220
V
28
ITF
3.950
A
29
PTF
0.000
deg
30
CJC
2.327
pF
31
VJC
0.668
V
32
MJC
0.398
−
33
XCJC
0.160
−
34(1)
TR
0.000
ns
35(1)
CJS
0.000
F
36(1)
VJS
750.0
mV
37(1)
MJS
0.000
−
38
FC
0.652
−
List of components (see Fig.6)
DESIGNATION
VALUE
UNIT
Cbe
84
fF
Ccb
17
fF
Cce
191
fF
L1
0.12
nH
L2
0.21
nH
L3
0.06
nH
LB
0.95
nH
LE
0.40
nH
QLB = 50; QLE = 50; QLB,E(f)=QLB,E√(f/fc);
fc = scaling frequency = 100 MHz.
Fig.6 Package equivalent circuit SOT143.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com