Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8T33FS314PYGI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 8T33FS314PYGI
Description  Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS314PYGI Datasheet(HTML) 4 Page - Renesas Technology Corp

  8T33FS314PYGI Datasheet HTML 1Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 2Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 3Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 4Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 5Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 6Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 7Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 8Page - Renesas Technology Corp 8T33FS314PYGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IDT8T33FS314PGI REVISION A MARCH 7, 2014
4
©2014 Integrated Device Technology, Inc.
IDT8T33FS314I Data Sheet
LOW SKEW, 1-to-4 DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Table 3B. ECL DC Characteristics, VCC = 0V, VEE = -3.3V±5% or -2.5V±5%, TA = -40°C to 85°C
NOTE 1: VPP is the minimum differential input voltage swing required to maintain device functionality.
NOTE 2: VCMR is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP specification.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Control Input CLK_SEL
VIL
Input Low Voltage
-1.810
-1.475
V
VIH
Input High Voltage
-1.165
-0.880
V
IIN
Input Current
VIN = VIL or VIN = VIH
100
µA
Clock Input Pair CLKA, nCLKA (LVPECL Differential Signals)
VPP
Peak-to-Peak Input Voltage; NOTE 1
0.1
1.3
V
VCMR
Common Mode Input Voltage; NOTE 2
VEE + 1.0
-0.3
V
IIN
Input Current
VIN = VIL or VIN = VIH
100
µA
LVPECL Clock Outputs (Q[0:3], nQ[0:3])
VOH
Output High Voltage
-1.2
-0.808
-0.7
V
VOL
Output Low Voltage
VEE = -3.3V ±5%
-1.9
-1.689
-1.5
V
VEE = -2.5V ±5%
-1.9
-1.662
-1.3
V
Supply Current
IEE
Maximum Quiescent Supply Current
without Output Termination Current
49
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com