Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN2-3H2T Datasheet(PDF) 7 Page - NEC

Part # EN2-3H2T
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EN2-3H2T Datasheet(HTML) 7 Page - NEC

Back Button EN2-3H2T Datasheet HTML 3Page - NEC EN2-3H2T Datasheet HTML 4Page - NEC EN2-3H2T Datasheet HTML 5Page - NEC EN2-3H2T Datasheet HTML 6Page - NEC EN2-3H2T Datasheet HTML 7Page - NEC EN2-3H2T Datasheet HTML 8Page - NEC EN2-3H2T Datasheet HTML 9Page - NEC EN2-3H2T Datasheet HTML 10Page - NEC EN2-3H2T Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
s DIMENSIONS mm (inch)
s PCB PAD LAYOUT and SCHEMATICS (bottom view) mm (inch)
Items
Contact Form
Contact Material
Contact Resistance
Contact Switching Voltage
Contact Switching Current
Contact Carrying Current
Standard
High
Operate Time (Excluding bounce)
Release Time (Excluding bounce)
Nominal Operate Power
Insulation Resistance
Breakdown Voltage
Shock Resistance
Vibration Resistance
Coil Temperature Rise
Ambient Temperature
Life Expectancy
Mechanical
Electrical
Weight
Specification
1 form C
Silver oxide complex alloy
50 M
Ω max. (measured at 7 A) initial
30 Vdc max. 5 Vdc min.
25 A max. (at 16 Vdc) 1 A min.
25 A max. (2 minutes max.) (at 12 Vdc, 85˚C)
30 A max. (2 minutes max.) (at 12 Vdc, 85˚C)
Approx. 5 ms max. (at 12 Vdc) initial
Approx. 2 ms max. (at 12 Vdc) initial, without diode
0.48 W/0.64 W (at 12 Vdc)
100 M
Ω min. (at 500 Vdc) initial
500 Vdc min. (for 1 minute) initial
98 m/s2 [Approx. 10 G] min. (misoperating)
10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating)
50˚C/ W (Contact Carrying Current: 0 A)
–40 to +85˚C (–40 to +185˚F)
106 operations
105 operations (at 14 Vdc, Motor Load 20 A/3 A)
Approx. 8 g
SPECIFICATIONS
at 25˚C (77˚F)
14.6
± 0.5
10.1 (0.4)
1.3
× 1.3
(0.05
× 0.05)
2-0.5
× 1.1
(0.02
× 0.04)
2- 0.6
( 0.02)
φ
φ
2.65 (0.1)
4.5
(0.18)
3.5
(0.14)
(0.59)
16.2
± 0.5
(0.64)
1
23
4
5
( 0.043)
φ
2- 1.1
+0.1
–0
φ
( 0.075)
φ
1.9
+0.1
–0
φ
( 0.059)
φ
2- 1.5
+0.1
–0
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com