Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

70V35/34L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70V35/34L
Description  HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V35/34L Datasheet(HTML) 1 Page - Renesas Technology Corp

  70V35/34L Datasheet HTML 1Page - Renesas Technology Corp 70V35/34L Datasheet HTML 2Page - Renesas Technology Corp 70V35/34L Datasheet HTML 3Page - Renesas Technology Corp 70V35/34L Datasheet HTML 4Page - Renesas Technology Corp 70V35/34L Datasheet HTML 5Page - Renesas Technology Corp 70V35/34L Datasheet HTML 6Page - Renesas Technology Corp 70V35/34L Datasheet HTML 7Page - Renesas Technology Corp 70V35/34L Datasheet HTML 8Page - Renesas Technology Corp 70V35/34L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2019 Integrated Device Technology, Inc.
OCTOBER 2019
DSC-5624/10
1
Functional Block Diagram
70V35/34S/L
70V25/24S/L
HIGH-SPEED 3.3V
8/4K x 18 DUAL-PORT
8/4K x 16 DUAL-PORT
STATIC RAM
– IDT70V25/24S
– IDT70V25/24L
Active: 400mW (typ.)
Active: 380mW (typ.)
Standby: 3.3mW (typ.)
Standby: 660
μW (typ.)
◆
◆
◆
◆
◆
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆
◆
◆
◆
◆
IDT70V35/34 (IDT70V25/24) easily expands data bus width
to 36 bits (32 bits) or more using the Master/Slave select
when cascading more than one device
◆
◆
◆
◆
◆
M/S = VIH for BUSY output flag on Master
M/S = VIL for BUSY input on Slave
◆
◆
◆
◆
◆
BUSY and Interrupt Flag
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
LVTTL-compatible, single 3.3V (±0.3V) power supply
◆
◆
◆
◆
◆
Available in a 100-pin TQFP (IDT70V35/34) & (IDT70V25/24),
and 84-pin PLCC (IDT70V24)
◆
◆
◆
◆
◆
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
NOTES:
1. A12 is a NC for IDT70V34 and for IDT70V24.
2. (MASTER): BUSY is output; (SLAVE): BUSY is input.
3. BUSY outputs and INT outputs are non-tri-stated push-pull.
4. I/O0x - I/O7x for IDT70V25/24.
5. I/O8x - I/O15x for IDT70V25/24.
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆
◆
◆
◆
◆
High-speed access
IDT70V35
– Commercial: 15ns (max.)
– Industrial:20ns
IDT70V34
– Commercial: 15ns (max.)
IDT70V25
– Commercial: 15/35ns (max.)
– Industrial:20/25ns
IDT70V24
– Commercial: 15//35/55ns (max.)
– Industrial:15/20ns
◆
◆
◆
◆
◆
Low-power operation
– IDT70V35/34L
Active: 415mW (typ.)
Standby: 660
μW (typ.)
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
BUSYL
A12L(1)
A0L
5624 drw 01
UBL
LBL
CEL
OEL
I/O9L-I/O17L(5)
I/O0L-I/O8L(4)
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/
WR
BUSYR
UBR
LBR
CER
OER
I/O9R-I/O17R(5)
I/O0R-I/O8R(4)
A12R(1)
A0R
R/
WR
SEMR
INTR
CER
OER
(3)
(2,3)
(2,3)
(3)
13
13
,


Similar Part No. - 70V35/34L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
70V3569S4BC RENESAS-70V3569S4BC Datasheet
481Kb / 18P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
70V3569S4BC8 RENESAS-70V3569S4BC8 Datasheet
481Kb / 18P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
70V3569S4BCG IDT-70V3569S4BCG Datasheet
180Kb / 17P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3569S4BCG IDT-70V3569S4BCG Datasheet
211Kb / 17P
HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V35/34L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com