Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT72T7285 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDT72T7285
Description  2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 72-BIT CONFIGURATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT72T7285 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDT72T7285 Datasheet HTML 17Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 18Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 19Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 20Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 21Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 22Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 23Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 24Page - Renesas Technology Corp IDT72T7285 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
21
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T7285/72T7295/72T72105/72T72115 2.5V TeraSync
™
™
™
™
™ 72-BIT FIFO
16,384 x 72, 32,768 x 72, 65,536 x 72, 131,072 x 72
SIGNAL DESCRIPTION
INPUTS:
DATA IN (D0 - Dn)
Data inputs for 72-bit wide data (D0 - D71), data inputs for 36-bit wide data
(D0 - D35) or data inputs for 18-bit wide data (D0 - D17).
CONTROLS:
MASTER RESET ( MRS )
AMasterResetisaccomplishedwhenevertheMRSinputistakentoaLOW
state.Thisoperationsetstheinternalreadandwritepointerstothefirstlocation
oftheRAMarray.PAEwill goLOW, PAFwillgoHIGH,and HF willgoHIGH.
If FWFT/SI is LOW during Master Reset then the IDT Standard mode,
along with EF and FF are selected. EF will go LOW and FF will go HIGH. If
FWFT/SIisHIGH,thentheFirstWordFallThroughmode(FWFT),alongwith
IR and OR, are selected. OR will go HIGH and IR will go LOW.
AllcontrolsettingssuchasOW,IW,BM,BE,RM,PFMandIParedefined
during the Master Reset cycle.
DuringaMasterReset,theoutputregisterisinitializedtoallzeroes.AMaster
Resetisrequiredafterpowerup,beforeawriteoperationcantakeplace.MRS
isasynchronous.
See Figure 9, Master Reset Timing, for the relevant timing diagram.
PARTIAL RESET (PRS)
APartialResetisaccomplishedwheneverthePRS inputistakentoaLOW
state. As in the case of the Master Reset, the internal read and write pointers
aresettothefirstlocationoftheRAMarray,PAEgoesLOW, PAFgoesHIGH,
and HF goes HIGH.
WhichevermodeisactiveatthetimeofPartialReset,IDTStandardmode
orFirstWordFallThrough,thatmodewillremainselected. IftheIDTStandard
mode is active, then FF will go HIGH and EF will go LOW. If the First Word
Fall Through mode is active, then OR will go HIGH, and IR will go LOW.
Following Partial Reset, all values held in the offset registers remain
unchanged. The programming method (parallel or serial) currently active at
thetimeofPartialResetisalsoretained. Theoutputregisterisinitializedtoall
zeroes. PRS is asynchronous.
A Partial Reset is useful for resetting the device during the course of
operation,whenreprogrammingprogrammableflagoffsetsettingsmaynotbe
convenient.
See Figure 10, Partial Reset Timing, for the relevant timing diagram.
ASYNCHRONOUS WRITE (ASYW)
ThewriteportcanbeconfiguredforeitherSynchronousorAsynchronous
mode of operation. If during Master Reset the ASYW input is LOW, then
Asynchronous operation of the write port will be selected. During Asynchro-
nousoperationofthewriteporttheWCLKinputbecomesWRinput,thisisthe
Asynchronouswritestrobeinput.ArisingedgeonWRwillwritedatapresent
ontheDninputsintotheFIFO.(WEN mustbetiedLOWwhenusingthewrite
port in Asynchronous mode).
WhenthewriteportisconfiguredforAsynchronousoperationthefullflag
(FF)operatesinanasynchronousmanner,thatis,thefullflagwillbeupdated
based in both a write operation and read operation. Note, if Asynchronous
mode is selected, FWFT is not permissable. Refer to Figures 30, 31, 34 and
35forrelevanttimingandoperationalwaveforms.
ASYNCHRONOUS READ (ASYR)
ThereadportcanbeconfiguredforeitherSynchronousorAsynchronous
mode of operation. If during a Master Reset the ASYR input is LOW, then
Asynchronous operation of the read port will be selected. During Asynchro-
nousoperationofthereadporttheRCLKinputbecomesRDinput,thisisthe
Asynchronous read strobe input. A rising edge on RD will read data from the
FIFO via the output register and Qn port. (REN must be tied LOW during
Asynchronous operation of the read port).
The OE input provides three-state control of the Qn output bus, in an
asynchronousmanner.(RCS,providesthree-statecontrolofthereadportin
Synchronousmode).
When the read port is configured for Asynchronous operation the device
mustbeoperatingonIDTstandardmode,FWFTmodeisnotpermissibleifthe
readportisAsynchronous.TheEmptyFlag(EF)operatesinanAsynchronous
manner,thatis,theemptyflagwillbeupdatedbasedonbothareadoperation
andawriteoperation.Refertofigures32,33,34and35forrelevanttimingand
operationalwaveforms.
RETRANSMIT (RT)
The Retransmit (RT) input is used in conjunction with the MARK input,
togethertheyprovideameansbywhichdatapreviouslyreadoutoftheFIFO
canberereadanynumberoftimes.Ifretransmitoperationhasbeenselected
(i.e.theMARKinputisHIGH),arisingedgeonRCLKwhileRTisLOWwillreset
thereadpointerbacktothememorylocationsetbytheuserviatheMARKinput.
IfIDTstandardmodehasbeenselectedtheEFflagwillgoLOWandremain
LOW for the time that RT is held LOW. RT can be held LOW for any number
ofRCLKcycles,thereadpointerbeingresettothemarkedlocation.Thenext
rising edge of RCLK after RT has returned HIGH, will cause EF to go HIGH,
allowingreadoperationstobeperformedontheFIFO.Thenextreadoperation
willaccessdatafromthe‘marked’memorylocation.
Subsequentretransmitoperationsmaybeperformed,eachtimetheread
pointerreturningtothe‘marked’location.SeeFigure18,RetransmitfromMark
(IDT Standard mode) for the relevant timing diagram.
IfFWFTmodehasbeenselectedtheORflagwillgoHIGHandremainHIGH
forthetimethatRTisheldLOW.RTcanbeheldLOWforanynumberofRCLK
cycles, the read pointer being reset to the ‘marked’ location. The next RCLK
risingedgeafterRThasreturnedHIGH,willcauseORtogoLOWanddueto
FWFToperation,thecontentsofthemarkedmemorylocationwillbeloadedonto
the output register, a read operation being required for all subsequent data
reads.
Subsequentretransmitoperationsmaybeperformedeachtimetheread
pointerreturningtothe‘marked’location.SeeFigure19,RetransmitfromMark
(FWFT mode) for the relevant timing diagram.
MARK
TheMARKinputisusedtoselectRetransmitmodeofoperation.AnRCLK
rising edge while MARK is HIGH will mark the memory location of the data
currently present on the output register, the device will also be placed into
retransmitmode.Note,fortheIDT72T7285/72T7295/72T72105,theremust
beaminimumof128bytesofdatabetweenthewritepointerandreadpointer
whentheMARKisasserted.FortheIDT72T72115,theremustbeaminimum
of256bytesofdatabetweenthewritepointerandreadpointerwhentheMARK
isasserted.Remember,8(x9)bytes=4(x18)words=2(x36)words=1(x72)
word.Also,oncetheMARKisset,thewritepointerwillnotincrementpastthe
“marked” location until the MARK is deasserted. This prevents “overwriting”
ofretransmitdata.
TheMARKinputmustremainHIGHduringthewholeperiodofretransmit
mode, a falling edge of RCLK while MARK is LOW will take the device out of
retransmitmodeandintonormalmode.AnynumberofMARKlocationscanbe
setduringFIFOoperation,onlythelastmarkedlocationtakingeffect.Oncea
marklocationhasbeensetthewritepointercannotbeincrementedpastthis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com