Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-1350 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HLMP-1350
Description  Low Profile T-1 (3 mm) LED Lamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1350 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-1350 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-1350 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
Red
C
1.5
2.4
D
2.4
3.8
E
3.8
6.1
F
6.1
9.7
G
9.7
15.5
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
Maximum tolerance for each bin limit is
± 18%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com