Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG403W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG403W
Description  NPN 17 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG403W Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG403W Datasheet HTML 1Page - NXP Semiconductors BFG403W Datasheet HTML 2Page - NXP Semiconductors BFG403W Datasheet HTML 3Page - NXP Semiconductors BFG403W Datasheet HTML 4Page - NXP Semiconductors BFG403W Datasheet HTML 5Page - NXP Semiconductors BFG403W Datasheet HTML 6Page - NXP Semiconductors BFG403W Datasheet HTML 7Page - NXP Semiconductors BFG403W Datasheet HTML 8Page - NXP Semiconductors BFG403W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Mar 11
2
Philips Semiconductors
Product specification
NPN 17 GHz wideband transistor
BFG403W
FEATURES
• Low current
• Very high power gain
• Low noise figure
• High transition frequency
• Very low feedback capacitance.
APPLICATIONS
• Pager front ends
• RF front end
• Wideband applications, e.g. analog and digital cellular
telephones, cordless telephones (PHS, DECT, etc.)
• Radar detectors.
DESCRIPTION
NPN double polysilicon wideband transistor with buried
layer for low voltage applications in a plastic, 4-pin
dual-emitter SOT343R package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
Fig.1 Simplified outline SOT343R.
Marking code: P3.
handbook, halfpage
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
10
V
VCEO
collector-emitter voltage
open base
−−
4.5
V
IC
collector current (DC)
3
3.6
mA
Ptot
total power dissipation
Ts ≤ 140 °C
−−
16
mW
hFE
DC current gain
IC = 3 mA; VCE =2V; Tj =25 °C
5080120
Cre
feedback capacitance
IC = 0; VCB =2V; f=1MHz
20
fF
fT
transition frequency
IC = 3 mA; VCE = 2 V; f = 2 GHz; Tamb =25 °C −
17
GHz
Gmax
maximum power gain
IC = 3 mA; VCE = 2 V; f = 2 GHz; Tamb =25 °C −
22
dB
F
noise figure
IC = 1 mA; VCE = 2 V; f = 900 MHz; ΓS = Γopt
1
dB
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com