Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN2-2H2ST Datasheet(PDF) 10 Page - NEC

Part # EN2-2H2ST
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EN2-2H2ST Datasheet(HTML) 10 Page - NEC

Back Button EN2-2H2ST Datasheet HTML 4Page - NEC EN2-2H2ST Datasheet HTML 5Page - NEC EN2-2H2ST Datasheet HTML 6Page - NEC EN2-2H2ST Datasheet HTML 7Page - NEC EN2-2H2ST Datasheet HTML 8Page - NEC EN2-2H2ST Datasheet HTML 9Page - NEC EN2-2H2ST Datasheet HTML 10Page - NEC EN2-2H2ST Datasheet HTML 11Page - NEC EN2-2H2ST Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
s NOTICE
(1) Capacitive load
If the load is capacitive, an inrush current to charge the load with poses a problem. In this case, a current-limiting
resistor or surge suppressor coil is connected in series to the contacts to suppress the peak current.
(2) Clinching terminals
To secure the relay temporarily to a printed circuit board for soldering, particular terminals are allowed to be clinched
within a particular angle. other terminals, never clinched.
The terminal numbers and the angle for clinching of each series are as follows.
1) No.4 and no.5 terminals to 45
° maximum for H bridge type of EN2 and EP2
2) No.5 and no.9 terminals to 45
° maximum for separate type of EN2 and EP2
3) No.4 and no.5 terminals to 45
° maximum for EP1
4) No.1, 4 and no.5 terminals to 45
° maximum for MR301
(3) Drive circuit
Since the coil of a relay has an inductive impedance, a counter electromotive force is generated when the circuit
is opened. This voltage may damage the relay driver IC. Therefore, a diode is connected in parallel with the coil,
as shown in figure 1.
100 ms min.
Tr1
Tr2
M
Figure 1
MOTOR
Tr1
off
off
on
off
off
on
Tr2
STOP
FORWARD
REVERSE
(4) Typical application for EN2/EP2 relays (H bridge type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com