Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBGS Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # CYT4DNJBGS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBGS Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button CYT4DNJBGS Datasheet HTML 94Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 95Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 96Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 97Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 98Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 99Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 100Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 101Page - Infineon Technologies AG CYT4DNJBGS Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 209 page
background image
Datasheet
98
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID22A
IOL4_GPIO_ABS
LOW-level maximum output current for
GPIO[51]
––
10
mA
Setting is 6 mA
SID23A
IOL_PMIC_EN_ABS
Sink maximum current
–
–
4
mA
For the pin PMIC_EN.
Required to add a current
limiting series resistor of
1.25 kΩ - 5 kΩ to the
PMIC_EN output.
SID23B
Ʃ
IOL_PMIC_EN_ABS
Sink average current
–
–
1
mA
For the pin PMIC_EN
The average output
current is defined as the
value of the average
current flowing through
any one of the
corresponding pins for a 10
ms period. The average
value is the operation
current × the operation
ratio. The operation
current period over the
average current spec
should be less than
100 ns.
Required to add a current
limiting series resistor of
1.25 kΩ -
5 kΩ to the PMIC_EN
output.
SID26
Ʃ
IOL_GPIO_ABS
LOW-level total output current for
GPIO[52]
–
–
50
mA
SID26A
IOL_SMC_ABS
LOW-level maximum output current for
GPIO_SMC[53]
––
52
mA
Setting is 30 mA at
–40°C
SID26B
Ʃ
IOL_SMC_ABS
LOW-level total output current for
GPIO_SMC[54]
–
–
300
mA
25°C < TA ≤ 105°C
SID26I
Ʃ
IOL_SMC_ABS
LOW-level total output current for
GPIO_SMC[54]
–
–
450
mA
–40°C ≤ TA ≤ 25°C
SID26C
IOL_SMIF_ABS
LOW-level maximum output current for
SMIF[55]
––
15
mA
CFG_OUT2/DS_TRIM<2:0>
= 0b110
SID26D
Ʃ
IOL_SMIF_ABS
LOW-level total output current for
SMIF[56]
–
–
100
mA
SID26E
IOL_FPD_ABS
LOW-level maximum output current for
FPD-Link[57]
––
24
mA
SID26F
Ʃ
IOL_FPD_ABS
LOW-level total output current for
FPD-Link[58]
–
–
120
mA
SID26G
IOL_HSIO_ABS
LOW-level maximum output current for
HSIO[59]
––
15
mA
SID26H
Ʃ
IOL_HSIO_ABS
LOW-level total output current for
HSIO[60]
–
–
150
mA
SID27
IOH1_GPIO_ABS
HIGH-level maximum output current for
GPIO[51]
–––3.5
mA
Setting is 1 mA
SID28
IOH2_GPIO_ABS
HIGH-level maximum output current for
GPIO[51]
––
–7
mA
Setting is 2 mA
Table 26-1
Absolute maximum ratings (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions
Notes
52.The total output current is the maximum current flowing through all GPIO I/Os (GPIO_STD, and GPIO_ENH).
53.The maximum output current is the peak current flowing through any one GPIO_SMC I/O.
54.The total output current is the maximum current flowing through all SMC I/Os (GPIO_SMC).
55.The maximum output current is the peak current flowing through any one SMIF I/O output.
56.The total output current is the maximum current flowing through all SMIF I/O outputs.
57.The maximum output current is the peak current flowing through any one FPD-link I/O output.
58.The total output current is the maximum current flowing through all FPD-link I/O outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com