Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBJS Datasheet(PDF) 191 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 191 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 189Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 190Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 191Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 192Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 193Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 194Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 195Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 209 page
background image
Datasheet
191
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Appendix
29
Appendix
29.1
External IP revisions
29.2
Internal IP revisions
29.3
MIPI formats supported
Table 29-1
External IP revisions
Module
IP
Revision
Vendor
CANFD
mxttcanfd
M_TTCAN IP revision: Rev.3.2.3
Bosch
Arm® Cortex®-M0+
armcm0p
Cortex-M0+-r0p1
Arm®
Arm® Cortex®-M7
armcm7
Cortex-M7-r1p2
Arm®
Arm® Coresight
armcoresighttk CoreSight-SoC-TM100-r3p2
Arm®
Ethernet
mxeth
GEM_GXL r1p09
Cadence
Table 29-2
Internal IP revisions
Module
Revision
SMIF
SMIF version 3.0 (Rev. A), and version 4.0 (Rev. B onwards)
Table 29-3
MIPI formats supported
MIPI Format
ID
Remarks
YUV422 8-bit
0x1E
Full processing supported
YUV422 10-bit
0x1F
RGB888
0x24
RGB666
0x23
RGB565
0x22
RGB555
0x21
RGB444
0x20
RAW8
0x2A
Data can be written to VRAM as is, no color processing or
format conversion supported.
RAW10
0x2B
RAW12
0x2C
RAW14
0x2D
RAW16
0x2E
RAW20
0x2F
Generic 8-bit Long Packet Data
Types
0x10
Supported
0x11
Data can be written to VRAM as is, no color processing or
format conversion supported.
0x12
User Defined Byte-based Data
0x30 - 0x37
Data can be written to VRAM as is, no color processing or
format conversion supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com