Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH05T210WAST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAST
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAST Datasheet(HTML) 3 Page - Texas Instruments

  PTH05T210WAST Datasheet HTML 1Page - Texas Instruments PTH05T210WAST Datasheet HTML 2Page - Texas Instruments PTH05T210WAST Datasheet HTML 3Page - Texas Instruments PTH05T210WAST Datasheet HTML 4Page - Texas Instruments PTH05T210WAST Datasheet HTML 5Page - Texas Instruments PTH05T210WAST Datasheet HTML 6Page - Texas Instruments PTH05T210WAST Datasheet HTML 7Page - Texas Instruments PTH05T210WAST Datasheet HTML 8Page - Texas Instruments PTH05T210WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH05T210W)
4
TERMINAL FUNCTIONS
6
TYPICAL CHARACTERISTICS (VI = 5V)
7
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
8
TURBOTRANS™ INFORMATION
12
ADJUSTING THE OUTPUT VOLTAGE
17
UNDERVOLTAGE LOCKOUT (UVLO)
19
SOFT-START POWER-UP
20
REMOTE SENSE
20
OUTPUT INHIBIT
21
OVER-CURRENT PROTECTION
21
OVER-TEMPERATURE PROTECTION
22
AUTO-TRACK SEQUENCING
22
TAPE & REEL AND TRAY DRAWINGS
25
(Voltages are with respect to GND)
UNIT
UNIT
Signal input voltage
Track control (pin 14)
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
PTH05T210WAH
Surface temperature of module body or pins
Twave
Wave soldering temperature
260
(20 seconds)
PTH05T210WAD
°C
PTH05T210WAS
235(1)
Surface temperature of module body or pins
Treflow
Solder reflow temperature
(20 seconds)
PTH05T210WAZ
260(1)
Tstg
Storage temperature
–40 to 125(2)
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, ½ sine, mounted
250
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
15
Weight
8.5
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
(2)
The shipping tray or tape & reel cannot be used to bake parts at temperatures higher than 65°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com