Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM40216L Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM40216L
Description  40 Character x 2 Lines, LED Backlight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM40216L Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM40216L Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 83
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
2.2
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
0.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
-
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
-
-
0.4
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
3.0
5.0
mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
4.3
-
4.7
V
LED FORWARD VOLTAGE VF
IF=360mA
4.0
4.2
4.6
V
BRIGHTNESS
L
IF=360mA
-
90
-
NIT
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT
IF
-
700
mA
LED REVERSE VOLTAGE
VR
-
8
V
LED POWER CONSUMPTION
PD
-
3200
mW
Physical Data
Module Size ................................182.0W x 33.5H x 13.0T mm
Thick version............182.0W x 33.5H x 15.0T mm
Viewing Area Size.....................................154.0W x 15.3H mm
Weight.................................................................................70g
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight.............................................................................LED
Options.TN/Gray STN/Yellow STN, 12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1
VSS
-
0V
Power supply
2
VDD
-
5V
3
VL
-
-
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H
→L
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED backlight
16
C
-
Cathode for LED backlight
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
COM 16
SEG 40
4 DRIVERs
CONTROL 4
40
40
40
40
LED BACKLIGHT
RESISTOR SUPPLIED BY USER
Dimensional Drawing
3.2
0.5
0.05
0.6
0.65
0.05
5.55
0.4
1
15
A
K
Dimension tolerance: +/- 0.3mm
2.54
15.0 MAX (-1)
1.6
9.0 (-1)
16-
φ1.0
2.5
182.0±0.5
175.0
162.0±0.5
154.0
147.5±0.1
8.5
4.6
3.5
4-
φ3.5
4-
φ1.0
40 Character x 2 Lines, LED Backlight
HDM40216L
13.0 MAX
7.0
(-1) = Thick version


Similar Part No. - HDM40216L

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM40216L-1 HANTRONIX-HDM40216L-1 Datasheet
45Kb / 1P
40 Character x 2 Lines LED Backlight
HDM40216L-1-L30S HANTRONIX-HDM40216L-1-L30S Datasheet
48Kb / 2P
40 Character x 2 Lines, LED Backlight
HDM40216L-1-Y10S HANTRONIX-HDM40216L-1-Y10S Datasheet
48Kb / 2P
40 Character x 2 Lines, LED Backlight
HDM40216L-1 HANTRONIX-HDM40216L-1_15 Datasheet
45Kb / 1P
40 Character x 2 Lines LED Backlight
HDM40216L HANTRONIX-HDM40216L_15 Datasheet
46Kb / 1P
40 Character x 2 Lines LED Backlight
More results

Similar Description - HDM40216L

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08216L HANTRONIX-HDM08216L Datasheet
28Kb / 1P
8 Character x 2 Lines LED Backlight
HDM08216L-3 HANTRONIX-HDM08216L-3 Datasheet
30Kb / 1P
8 Character x 2 Lines LED Backlight
HDM40416L-4 HANTRONIX-HDM40416L-4 Datasheet
33Kb / 1P
40 Character x 4 Lines, LED Backlight
HDM40216L-1 HANTRONIX-HDM40216L-1_15 Datasheet
45Kb / 1P
40 Character x 2 Lines LED Backlight
HDM40216L HANTRONIX-HDM40216L_15 Datasheet
46Kb / 1P
40 Character x 2 Lines LED Backlight
HDM20416L-1-E30S HANTRONIX-HDM20416L-1-E30S Datasheet
36Kb / 2P
40 Character x 4 Lines, LED Backlight
HDM40216L-1-L30S HANTRONIX-HDM40216L-1-L30S Datasheet
48Kb / 2P
40 Character x 2 Lines, LED Backlight
HDM40216L-1-Y10S HANTRONIX-HDM40216L-1-Y10S Datasheet
48Kb / 2P
40 Character x 2 Lines, LED Backlight
HDM40416L-4-G30S HANTRONIX-HDM40416L-4-G30S Datasheet
36Kb / 2P
40 Character x 4 Lines, LED Backlight
HDM40416L-4-L30S HANTRONIX-HDM40416L-4-L30S Datasheet
36Kb / 2P
40 Character x 4 Lines, LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com