Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT49F040B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49F040B
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49F040B Datasheet HTML 9Page - ATMEL Corporation AT49F040B Datasheet HTML 10Page - ATMEL Corporation AT49F040B Datasheet HTML 11Page - ATMEL Corporation AT49F040B Datasheet HTML 12Page - ATMEL Corporation AT49F040B Datasheet HTML 13Page - ATMEL Corporation AT49F040B Datasheet HTML 14Page - ATMEL Corporation AT49F040B Datasheet HTML 15Page - ATMEL Corporation AT49F040B Datasheet HTML 16Page - ATMEL Corporation AT49F040B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
3606A–FLASH–12/05
AT49F040B
19. Program Cycle Waveforms
20. Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 555. For sector erase the address depends on what sector is to be erased. (See note
5 under “Command Definition Table” on page 7.)
3. For chip erase, the data should be 10H. For sector erase, the data should be 30H.
18. Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte Programming Time
12
120
µs
t
AS
Address Set-up Time
0
ns
tAH
Address Hold Time
10
ns
t
DS
Data Set-up Time
20
ns
t
DH
Data Hold Time
0
ns
tWP
Write Pulse Width
20
ns
t
WPH
Write Pulse Width High
20
ns
t
EC
Chip Erase Cycle Time
7
seconds
tSEC
Main Sector Erase Cycle Time
750
ms
A0 - A18
OE
(1)
AA
80
Note 3
55
55
555
555
Note 2
AA
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
AAA
AAA
tWPH
tWP
CE
WE
A0 - A18
DATA
tAS
tAH
tEC
tDH
tDS
555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com