Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRS-300-RM Datasheet(PDF) 2 Page - IET Labs Inc.

Part # PRS-300-RM
Description  Self-Adjusting Programmable Resistance Decade Substituter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS-300-RM Datasheet(HTML) 2 Page - IET Labs Inc.

  PRS-300-RM Datasheet HTML 1Page - IET Labs Inc. PRS-300-RM Datasheet HTML 2Page - IET Labs Inc. PRS-300-RM Datasheet HTML 3Page - IET Labs Inc. PRS-300-RM Datasheet HTML 4Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Self-Adjusting Programmable
Resistance Decade Substituter
PRS-370
Page 2 of 4
PRS-370 Catalog March 2020
PRS-DMM RESISTANCE
No PC or software required
The PRS-370 is fine "Adjusting" its output
resistance by configuring the Fluke 8508A
for TruΩ, or Ω mode and then reading
the resistance back from the DMM and
readjusting its output resistance.
Display all relevant data
Once the fine "Adjusting" has completed;
•
Deviation from nominal
•
Measured value from the DMM
•
Uncertainty of the DMM is shown on the
color display of the PRS-370.
Need a 199 Ω resistance standard?
It is just a touch away.....with the PRS-370
Stable over time
Once
fine
"Adjusting"
is
complete
the
front
connections are switched in on the PRS-370 so
both the DMM and DUT can be simultaneously
connected to the PRS-370.
When the source resistance is measured with a
DMM 15 minutes later the source resistance shows
no significant change.
This
allows
the
PRS-370
to
become
a
4 terminal, short-term stable variable laboratory
resistance standard with an uncertainty close to the
uncertainty of the DMM used.
After adjustment, there is less than 5 ppm
difference when the source resistance is
measured at the front terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com