Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD16CL1CB Datasheet(PDF) 4 Page - ITT Industries

Part # CD16CL1CB
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CD16CL1CB Datasheet(HTML) 4 Page - ITT Industries

  CD16CL1CB Datasheet HTML 1Page - ITT Industries CD16CL1CB Datasheet HTML 2Page - ITT Industries CD16CL1CB Datasheet HTML 3Page - ITT Industries CD16CL1CB Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-31
I
C&K CD Series
8mm DIP Coded Rotary Switches
TERMINATIONS
C PC THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,64)
.025
(0,64)
.132
(3,34)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,00)
.099
(2,52)
1C 4
.200
(5,08)
8
1
3
2
1
C
4
8
C
2
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,00)
.200
(5.08)
.100
(2,54)
.168
(4,27)
.305
(7,75)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,64)
.020 TYP
(0,51)
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.174
(4,41)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9 1
1
C
4
8
C
2
CONTACT MATERIAL
For part number CDxxMOSK
Reel Information
Outside diameter
13.00 (333,0)
Pilot hole
.512 (13,0)
TAPE & REEL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
K
0.4 VC MAX. @ 20 V AC or DC MAX.
GOLD
TIN-LEAD
NO
YES
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com