Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT72V8985 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # IDT72V8985
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT72V8985 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button IDT72V8985 Datasheet HTML 7Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 8Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 9Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 10Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 11Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 12Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 13Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 14Page - Renesas Technology Corp IDT72V8985 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:TELECOMhelp@idt.com
www.idt.com
5707 drw15
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
72V8985
256 x 256
 3.3V Time Slot Interchange Digital Switch
J
G
PV
DB
Green Plastic Leaded Chip Carrier (PLCC, J44-1)
ORDERING INFORMATION
DATASHEET DOCUMENT HISTORY
05/24/2000
pgs. 1, 2, 13 and 14.
12/16/14 removed leaded packages
08/21/2000
pgs. 1, 2 and 14.
01/24/2001
pgs. 1 and 9.
04/05/2001
pg. 11.
03/10/2003
pg. 13.
05/09/2003
pgs. 1, 2, and 14.
08/20/2003
pg. 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com