Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT163374APVG8 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 74FCT163374APVG8
Description  3.3V CMOS 16-BIT REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT163374APVG8 Datasheet(HTML) 7 Page - Renesas Technology Corp

  74FCT163374APVG8 Datasheet HTML 1Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 2Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 3Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 4Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 5Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 6Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 7Page - Renesas Technology Corp 74FCT163374APVG8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
XX
Temp. Range
XXXX
Device Type
X
Package
PV
PA
Shrink Small Outline Package (PVG48)
Thin Shrink Small Outline Package (PAG48)
− 40°C to +85°C
74
163
Double-Density 3.3Volt
374A
374C
Non-Inverting 16-Bit Register
Tube
Tape and Reel
X
Blank
8
X
G
Green
FCT
XXX
Family
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
A
74FCT163374APAG
PAG48
TSSOP
I
74FCT163374APAG8
PAG48
TSSOP
I
74FCT163374APVG
PVG48
SSOP
I
74FCT163374APVG8
PVG48
SSOP
I
C
74FCT163374CPAG
PAG48
TSSOP
I
74FCT163374CPAG8
PAG48
TSSOP
I
74FCT163374CPVG
PVG48
SSOP
I
74FCT163374CPVG8
PVG48
SSOP
I
Datasheet Document History
09/10/2009
Pg.7
Updated the ordering information by removing the "IDT" notation and non RoHS part.
05/07/2018
Pg. 1, 2, 5, 7
Addedtableunderpinconfigurationdiagramwithdetailedpackageinformation.Updatedtheorderinginformation
diagram adding Tube, Tape and Reel. Added orderable part information table.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com