Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT164245TPVG8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT164245TPVG8
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT164245TPVG8 Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG8 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to Vcc1+0.5
V
TA
Operating Temperature
–40 to +85
°C
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–55 to +125
°C
PT
Power Dissipation
1
W
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
(1)
(1)
(1)
(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. All devices except Vcc2.
3. Power supply terminal Vcc2.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
CI/O
I/O Capacitance
VOUT = 0V
3.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
xOE
OutputEnableInput(ActiveLOW)
xDIR
DirectionControlInput
xAx
Side A Inputs or 3-State Outputs (3.3V Port)
xBx
Side B Inputs or 3-State Outputs (5V Port)
SSOP/ TSSOP
TOP VIEW
1
DIR
1
B1
GND
1
B3
VCC1
GND
2
B2
GND
VCC1
GND
1
B2
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B3
2
B4
2
B5
2
B7
2
B8
2
B6
2
DIR
1
A1
1
A2
GND
1
A3
1
A4
VCC2
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
VCC2
2
A5
2
A7
2
A8
2
A6
GND
GND
GND
2
OE
1
OE
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
FUNCTION TABLE(1)
Inputs
xOE
xDIR
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
Z = High-Impedance
POWER SUPPLY SEQUENCING
In the 74FCT164245T, the condition of VCC1
≥ (VCC2 – 0.5V) must be
maintainedatalltimes. FortherangeofVCC1= (VCC2–0.5V)toVCC1= (VCC2
+ 0.9V), both the A and B ports will remain in a High-Impedance state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com