Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74FCT16501AT Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT74FCT16501AT
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FCT16501AT Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT74FCT16501AT Datasheet HTML 1Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 2Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 3Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 4Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 5Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 6Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 7Page - Renesas Technology Corp IDT74FCT16501AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT16501AT/CT
FASTCMOS18-BITREGISTEREDTRANSCEIVER
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply
VCC = Max.
—
0.5
1.5
mA
Current TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.,
VIN = VCC
—
75
120
µA/
OutputsOpen
VIN = GND
MHz
OEAB =
OEBA = VCC or GND
OneInputToggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.,
VIN = VCC
—
0.8
1.7
mA
OutputsOpen
VIN = GND
fCP = 10MHz (CLKAB)
50% Duty Cycle
OEAB =
OEBA = VCC
LEAB = GND
VIN = 3.4V
—
1.3
3.2
One Bit Toggling
VIN = GND
fi = 5MHz
50% Duty Cycle
VCC = Max.,
VIN = VCC
—
3.8
6.5(5)
OutputsOpen
VIN = GND
fCP = 10MHz (CLKAB)
50% Duty Cycle
OEAB =
OEBA = VCC
LEAB = GND
VIN = 3.4V
—
8.5
20.8(5)
EighteenBitsToggling
VIN = GND
fi = 2.5MHz
50% Duty Cycle
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com