Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT3245APGG8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT3245APGG8
Description  3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3245APGG8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT3245APGG8 Datasheet HTML 1Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 2Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 3Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 4Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 5Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 6Page - Renesas Technology Corp 74FCT3245APGG8 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT3245/A
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
4
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(4)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
StorageTemperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.
ABSOLUTE MAXIMUM RATINGS(1)
Pin Names
Description
OE
3–State Output Enable Inputs (Active LOW)
DIR
DirectionControlOutput
A x
Side A Inputs or 3-State Outputs
B x
Side B Inputs or 3-State Outputs
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
FUNCTION TABLE(1)
Inputs
OE
DIR
Outputs
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
PIN CONFIGURATION
QSOP/ TSSOP
TOP VIEW
5
6
7
8
9
10
1
2
3
4
20
19
18
17
16
15
14
13
12
11
GND
A1
A2
A3
DIR
A4
A5
A6
A7
A8
B
B
B
B
B
B
B
B
Vcc
1
OE
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com