Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSC1065H Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PSC1065H
Description  650 V, 10 A SiC Schottky diode in DPAK R2P
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC1065H Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PSC1065H Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC1065H Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Nexperia
PSC1065H
650 V, 10 A SiC Schottky diode in DPAK R2P
8. Soldering
SOT8017
Footprint information for reflow soldering of DPAK R2P (SOT8017) package
sot8017_fr
occupied area
solder paste
solder resist
solder land
Issue date
Dimensions in mm
21-11-01
21-11-03
1.2
2.29
1.4
2.68
1.6
1.9
6.48
6.0
5.8
6.4
2.6 2.4 2.2
2.2
6.2
1.0 (14x)
2.31
0.25
1.7 (14x)
0.25
1.55
3.15
6.6
11.3
7.04
recommended stencil thickness: 0.125 mm
Fig. 2. Reflow soldering footprint for DPAK R2P (SOT8017)
PSC1065H_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Short data sheet
26 April 2023
4 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com