Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7260K2U1/XXX Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7260K2U1/XXX
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260K2U1/XXX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7260K2U1/XXX Datasheet HTML 4Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 5Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 6Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 7Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 8Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 9Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 10Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 11Page - STMicroelectronics ST7260K2U1/XXX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
ST7260
8/117
Table 2. Device Pin Description (QFN40)
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
QFN40
Input
Output
7VDD
S
Power supply voltage (4V - 5.5V)
8
OSCOUT
O
Oscillator output
9
OSCIN
I
Oscillator input
10
VSS
S
Digital ground
11
PC2/USBOE
I/O
CT
X
X
Port C2
USB Output Enable
12
PC1/TDO
I/O
CT
X
X
Port C1
SCI Transmit Data Output
13
PC0/RDI
I/O
CT
X
X
Port C0
SCI Receive Data Input
14
RESET
I/O
X
X
Reset
15
NC
--
Not connected
16
NC
--
Not connected
17
PB7/IT8
I/O
CT 10mA X
XX
Port B7
18
PB6/IT7
I/O
CT 10mA X
XX
Port B6
19
VPP/TEST
S
Programming supply
20
PB5/IT6
I/O
CT 10mA X
XX
Port B5
21
PB4/IT5
I/O
CT 10mA X
XX
Port B4
22
PB3
I/O
CT 10mA X
X
Port B3
23
PB2
I/O
CT 10mA X
X
Port B2
24
PB1
I/O
CT 10mA X
X
Port B1
25
PB0
I/O
CT 10mA X
X
Port B0
26
PA7/OCMP2/IT4
I/O
CT
X
XX
Port A7
Timer Output Compare 2
27
PA6/OCMP1/IT3
I/O
CT
X
XX
Port A6
Timer Output Compare 1
28
PA5/ICAP2/IT2
I/O
CT
X
XX
Port A5
Timer Input Capture 2
29
PA4/ICAP1/IT1
I/O
CT
X
XX
Port A4
Timer Input Capture 1
30
PA3/EXTCLK
I/O
CT
X
X
Port A3
Timer External Clock
31
PA2/ICCCLK
I/O
CT 25mA X
T
Port A2
ICC Clock
32
NC
--
Do not connect
33
NC
--
Do not connect
34
NC
--
Do not connect
35
NC
--
Do not connect
36
NC
--
Do not connect
37
NC
--
Do not connect
38
NC
--
Do not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com