Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV-63V100MF61Q-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HV-63V100MF61Q-R2
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HV-63V100MF61Q-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HV-63V100MF61Q-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HV-63V100MF61Q-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1100M4EDC8002 (Previous PN: HV-63V100MF61Q-R2)
Features
Item Summary
10uF±20%, 63V, φ6.3x5.8mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
1000
Products characteristics table
Capacitance
10 uF ± 20 %
Rated Voltage
63 V
tanδ (max)
0.08
Operating Temp. Range
-55 to +105 ℃
Leakage current (min)
6.3 uA at 2 min
Rated Ripple (max)
1000 mArms at 100k Hz / 105 ℃
Impedance ratio
1.5
___[-25℃/+20℃]
Impedance ratio
2
___[-55℃/+20℃]
ESR (max)
120 mΩ at 100k Hz / 20 ℃
Endurance
5000 hr at 105 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Conductive Polymer Hybrid
RoHS Compliance (10 subst.)
Yes
REACH Compliance (233 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ6.3 ±0.5 mm
Dimension L
5.8 ±0.3 mm
Dimension P (F)
Typ 2 mm
Dimension C (d)
Typ 2.7 mm
2023.06.11
1 / 1


Similar Part No. - HV-63V100MF61Q-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HV-63V100MF61Q-R2 TAIYO-YUDEN-HV-63V100MF61Q-R2 Datasheet
247Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
More results

Similar Description - HV-63V100MF61Q-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RAHV1100M1UCC8002 TAIYO-YUDEN-RAHV1100M1UCC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1101M1GEF7002 TAIYO-YUDEN-RAHV1101M1GEF7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1101M1LDC8002 TAIYO-YUDEN-RAHV1101M1LDC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1151M1EDE7002 TAIYO-YUDEN-RAHV1151M1EDE7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1220M1REH0002 TAIYO-YUDEN-RAHV1220M1REH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1271M1EEH0002 TAIYO-YUDEN-RAHV1271M1EEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1330M1TCC8002 TAIYO-YUDEN-RAHV1330M1TCC8002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1331M1UGL5005 TAIYO-YUDEN-RAHV1331M1UGL5005 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1391M1GFK5002X TAIYO-YUDEN-RAHV1391M1GFK5002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1561M1JEH0002 TAIYO-YUDEN-RAHV1561M1JEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com