Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA164/V Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA164/V
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164/V Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA164/V Datasheet HTML 13Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 14Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 15Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 16Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 17Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 18Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 19Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 20Page - ATMEL Corporation ATMEGA164/V Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
ATmega164/324/644
2593AS–AVR–06/05
ATmega644
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. VCC see “Maximum speed vs. VCC” on page 310.
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operational Range
10
1.8 - 5.5V
ATmega644V-10AU(2)
ATmega644V-10PU(2)
ATmega644V-10MU(2)
44A
40P6
44M1
Industrial
(-40oC to 85oC)
20
2.7 - 5.5V
ATmega644-20AU(2)
ATmega644-20PU(2)
ATmega644-20MU(2)
44A
40P6
44M1
Industrial
(-40oC to 85oC)
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com