Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVC142A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC142A
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC142A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC142A Datasheet HTML 1Page - Renesas Technology Corp HVC142A Datasheet HTML 2Page - Renesas Technology Corp HVC142A Datasheet HTML 3Page - Renesas Technology Corp HVC142A Datasheet HTML 4Page - Renesas Technology Corp HVC142A Datasheet HTML 5Page - Renesas Technology Corp HVC142A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HVC142A
Rev.1.00, Nov 26, 2004, page 3 of 5
Main Characteristic
040
10
30
20
50
10
10
1.0
0.1
1.0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10−
4
10−
3
10−
2
10−
1
0.1
f = 100MHz
10−
11
10−
10
10−
9
10−
8
10−
7
10−
13
10−
12
10−
10
10−
8
10−
6
10−
4
10−
2
10−
12
10
1
10−
1
10
0
10
2
10
3
Fig.4 Forward resistance vs. Forward current
Forward current IF
(A)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com