Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4S Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FXPS7115D4S_V01 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4S_V01 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7.7.1 Data source enable bits (SIDx_EN)
The SIDx_EN are control bits for both I2C and SPI modes. In I2C mode, they configure the automatic register
read wrap-around feature to optimize the number of I2C transactions. See Section 7.4.6.3 and Table 9 for
details.
In SPI mode, the SIDx_EN bits enable and map the data source (SNSDATA0, SNSDATA1) to the associated
source identification as described in Table 11. Additionally, the SPI error response monitoring can be mapped to
the SOURCEID_x channels. SPI error responses are detailed in Section 7.5.4 "Error checking".
Source ID
Source ID Enable (SIDx_EN)
Transmitted data
0
SPI error response
SOURCEID_0
1
SNSDATA0
0
SPI error response
SOURCEID_1
1
SNSDATA1
Table 57. Source ID enable
In I2C mode, the SOURCEID_x registers are readable and writable but have no effect on the device. See
Table 11, for details regarding the effect of the SIDx_EN bits.
7.7.8 SPI Configuration Control Register (SPI_CFG, Address 3Dh)
In SPI mode, the SPI configuration control register is a user programmed read/write register that contains the
SPI protocol configuration information. This register is included in the read/write array error detection. This
register is readable and writable in SPI mode or I2C mode
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
DATASIZE
SPI_CRC_LEN[1:0]
SPICRCSEED[3:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 58. SPI_CFG Register (address 3Dh) bit allocation
7.7.8.1 SPI Data Field Size (DATASIZE)
The SPI data field size bit controls the size of the SPI data field as shown in Table 59.
DATASIZE
SPI Data Field Size
0
12-Bits
1
16-Bits
Table 59. DATASIZE Bit Definition
7.7.8.2 SPI CRC Length and Seed Bits
The SPI_CRC_LEN[1:0] bits select the CRC length for SPI Mode as shown in the table below. The SPI
CRC seed bits contain the seed used for the SPI Mode. The default SPI CRC is an 8-bit. When the
SPI_CRC_LEN[1:0] bits are set to a non-zero value using a Register Write command, the SPI CRC changes
as defined in the table. The new polynomial value is enabled for both MISO and MOSI on the next SPI Mode
command. The default seed (SPICRCSEED[3:0] = 0h) is FFh for an 8-bit CRC. When the value is changed to
a non-zero value using a Register Write command, the SPI CRC seed changes to the value programmed as
shown in the table. The new seed value is enabled for both MISO and MOSI on the next SPI Mode command.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
39 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com