Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMR2905 Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # TMR2905
Description  Ultra High Sensitivity TMR linear sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

TMR2905 Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  TMR2905 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. TMR2905 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. TMR2905 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. TMR2905 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. TMR2905 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet
V1.0a
2/5
Pin Configuration
SOP8 Top view
DFN8 Bottom view
Pin No.
Pin Name
Pin Function
1,2,7,8
N/A
Not Connected
3
GND
Ground
4
V-
Analog Differential Output 2
5
V+
Analog Differential Output 1
6
Vcc
Supply Voltage
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
7
V
Reverse Supply Voltage
VRCC
7
V
Max Exposed Field
HE
4000
Oe
(1)
ESD Voltage
VESD
4000
V
Operating Temperature
TA
-40~125
°C
Storage Temperature
Tstg
-50 ~150
°C
Specification (VCC=1.0V, TA=25°C,Differential Output)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
Operating
1
7
V
Supply Current
ICC
Output Open
0.2,0.02
(2)
mA
Resistance
(3)
TMR2905S
R
Between Vcc and GND
2
5
8
KOhm
TMR2905B
35
45
55
KOhm
Sensitivity
SEN
Fit @±5 Oe
45
65
mV/V/Oe
Saturation Field
Hsat
±10
Oe
Non-Linearity
NONL
Fit @±5 Oe
2
%FS
Offset Voltage
Voffset
-30
30
mV/V
Hysteresis
Hys
Fit @±30 Oe
1
Oe
Temperature Coefficient of
Resistance
TCR
H = 0 Oe
-500
PPM/°C
Temperature Coefficient of
Sensitivity
TCS
-1100
PPM/°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com