Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8545BGILF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS8545BGILF
Description  Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8545BGILF Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS8545BGILF Datasheet HTML 1Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 2Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 3Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 4Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 5Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 6Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 7Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 8Page - Renesas Technology Corp ICS8545BGILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
©2015 Integrated Device Technology, Inc.
Revision C, December 8, 2015
8545 Datasheet
Table 4C. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
All parameters measured at ƒ
 650MHz unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at VDD/2 of the input to the differential output crossing point.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
200
280
360
mV
V
OD
VOD Magnitude Change
40
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
V
OS
VOS Magnitude Change
5
25
mV
IOz
High Impedance Leakage
-10
±1
+10
µA
IOFF
Power Off Leakage
-20
±1
+20
µA
IOSD
Differential Output Short Circuit Current
-3.5
-5
mA
IOS
Output Short Circuit Current
-3.5
-5
mA
VOH
Output Voltage High
1.34
1.6
V
VOL
Output Voltage Low
0.9
1.06
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
650
MHz
tPD
Propagation Delay; NOTE 1
ƒ
 650MHz
1.4
3.6
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
156.25MHz, Integration
Range: 12kHz – 20MHz
0.13
ps
tsk(o)
Output Skew; NOTE 2, 4
40
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
500
ps
tR / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
200
400
700
ps
odc
Output Duty Cycle
ƒ
 266MHz
45
55
%
ƒ> 266MHz
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com