Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS95V842 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS95V842
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS95V842 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS95V842 Datasheet HTML 1Page - Renesas Technology Corp ICS95V842 Datasheet HTML 2Page - Renesas Technology Corp ICS95V842 Datasheet HTML 3Page - Renesas Technology Corp ICS95V842 Datasheet HTML 4Page - Renesas Technology Corp ICS95V842 Datasheet HTML 5Page - Renesas Technology Corp ICS95V842 Datasheet HTML 6Page - Renesas Technology Corp ICS95V842 Datasheet HTML 7Page - Renesas Technology Corp ICS95V842 Datasheet HTML 8Page - Renesas Technology Corp ICS95V842 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS95V842
0830B—11/24/08
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDD2.5
PWR
Power supply, nominal 2.5V
2
DDRT0
OUT
"True" Clock of differential pair output.
3
DDRC0
OUT
"Complementary" Clock of differential pair output.
4
GND
PWR
Ground pin.
5
CLK_INT
IN
"True" reference clock input.
6
CLK_INC
IN
"Complementary" reference clock input.
7
AVDD
PWR
3.3V Analog Power pin for Core PLL
8
AGND
PWR
Analog Ground pin for Core PLL
9
FB_OUTC
OUT
Complement single-ended feedback output, dedicated external
feedback. It switches at the same frequency as other DDR outputs,
This output must be connect to FB_INC.
10
FB_OUTT
OUT
True single-ended feedback output, dedicated external feedback. It
switches at the same frequency as other DDR outputs, This output
must be connect to FB_INT.
11
FB_INT
IN
True single-ended feedback input, provides feedback signal to internal
PLL for synchronization with CLK_INT to eliminate phase error.
12
FB_INC
IN
Complement single-ended feedback input, provides feedback signal to
internal PLL for synchronization with CLK_INT to eliminate phase
error.
13
VDD2.5
PWR
Power supply, nominal 2.5V
14
DDRT1
OUT
"True" Clock of differential pair output.
15
DDRC1
OUT
"Complementary" Clock of differential pair output.
16
GND
PWR
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com