Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS97ULP877A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS97ULP877A
Description  1.8V Low-Power Wide-Range Frequency Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97ULP877A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS97ULP877A Datasheet HTML 7Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 8Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 9Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 10Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 11Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 12Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 13Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 14Page - Renesas Technology Corp ICS97ULP877A Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ICS97ULP877A
0981C—04/05/05
Ordering Information
ICS97ULP877AHLF-T
D
E
T
e
HORIZ
VERT
TOTAL
d
h
D1
E1
b
c
Min/Max
Min/Max
Min/Max
7.00 Bsc
4.50 Bsc
0.86/1.00
0.65 Bsc
6
10
60
0.35/0.45
0.15/0.21
5.85 Bsc
3.25 Bsc
0.575
0.625
**
* Source Ref.: JEDEC Publication 95,
10-0055
ALL DIMENSIONS IN MILLIMETERS
REF. DIMENSIONS
----- BALL GRID -----
Max.
Note: Ball grid total indicates maximum ball count for package. Lesser quantity may be used.
MO-205*, MO-225**
Example:
Designation for tape and reel packaging
Annealed Lead Free (Optional)
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y H LF- T
SEATING
PLANE
0.12 C
C
A
B
C
D
A1
D
E
TOP VIEW
T
hTYP
dTYP
4
321
Numeric Designations
for Horizontal Grid
bREF
cREF
TYP
-e-
TYP
-e-
D1
E1
Alpha Designations
for Vertical Grid
(Letters I, O, Q, and
S not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com