Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB21023 Datasheet(PDF) 3 Page - MultiDimension Technology Co.,Ltd.

Part # USB21023
Description  USB21023 – Three-Axis Low-Field USB Magnetometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

USB21023 Datasheet(HTML) 3 Page - MultiDimension Technology Co.,Ltd.

  USB21023 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. USB21023 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. USB21023 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. USB21023 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. USB21023 Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MultiDimension Technology Co., Ltd.
Page 3 of 5
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT USB21023
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a
Software Description
The USB Magnetometer includes a GUI for data logging the field readings from the sensor in units
of Oersted and displaying those readings in analog, digital, and graphical formats. The data in the
graphical display can be logged or output to a csv file, which is compatible with most spreadsheet
programs and easy to import into analysis software. The display can be configured in several data
viewing modes or in a mode to control operation of the acquisition electronics. The software allows
a user to set the resolution, sample rate, filtering, averaging, trigger mode, linearization, and to
perform sensor calibration. The GUI also contains a built in terminal emulator for sending and
receiving low-level commands to and from the probe, which is useful for programming
non-standard configurations and also for debugging commands to be used in custom software
applications.
The USB Magnetometer was designed to enable users to interface it with their own custom
programs by sending and receiving text commands using a COM port. This is useful for writing
data acquisition and data acquisition system control programs, such that the user can input data
directly to a program without needing to export it from the USB Magnetometer GUI to a csv file.
The COM port commands are fully documented in the user manual, and they may be tested using
any terminal emulator program or the built in terminal emulator.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com