Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90347APF
Description  16-bit Proprietary Microcontroller CMOS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90347APF Datasheet HTML 9Page - fujitsu semiconductor MB90347APF Datasheet HTML 10Page - fujitsu semiconductor MB90347APF Datasheet HTML 11Page - fujitsu semiconductor MB90347APF Datasheet HTML 12Page - fujitsu semiconductor MB90347APF Datasheet HTML 13Page - fujitsu semiconductor MB90347APF Datasheet HTML 14Page - fujitsu semiconductor MB90347APF Datasheet HTML 15Page - fujitsu semiconductor MB90347APF Datasheet HTML 16Page - fujitsu semiconductor MB90347APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
MB90340 Series
13
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
90
92
X1
A
Oscillation output
91
93
X0
Oscillation input
52
54
RST
E
Reset input
75 to 82
77 to 84
P00 to P07
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus.
This function is enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15.
83
85
P10
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD08
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TIN1
Event input pin for the reload timer 1
84
86
P11
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD09
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TOT1
Output pin for the reload timer 1
85
87
P12
N
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD10
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin for INT11
86
88
P13
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD11
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SOT3
Serial data output pin for UART3
87
89
P14
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD12
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SCK3
Clock I/O pin for UART3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com