Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ART150PEG Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # ART150PEG
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEG Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button ART150PEG Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
11 of 19
ART150PE; ART150PEG
Power LDMOS transistor
IDq = 20 mA; f = 108 MHz.
(1) VDS = 65 V
(2) VDS = 60 V
(3) VDS = 55 V
(4) VDS = 50 V
(5) VDS = 40 V
(6) VDS = 30 V
IDq = 20 mA; f = 108 MHz.
(1) VDS = 65 V
(2) VDS = 60 V
(3) VDS = 55 V
(4) VDS = 50 V
(5) VDS = 40 V
(6) VDS = 30 V
Fig 15. Power gain as a function of output power;
typical values
Fig 16. Drain efficiency as a function of output power;
typical values
amp01827
0
50
100
150
200
24
26
28
30
32
34
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
amp01828
0
50
100
150
200
0
20
40
60
80
100
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com