Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4ME5.0A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LT4ME5.0A
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LT4ME5.0A Datasheet(HTML) 2 Page - Diodes Incorporated

  LT4ME5.0A Datasheet HTML 1Page - Diodes Incorporated LT4ME5.0A Datasheet HTML 2Page - Diodes Incorporated LT4ME5.0A Datasheet HTML 3Page - Diodes Incorporated LT4ME5.0A Datasheet HTML 4Page - Diodes Incorporated LT4ME5.0A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.1
1
10
100
0.1
1.0
10.0
100.0
1,000.0
10,000.0
T
P, Pulse Width (us)
FIG3- Pulse Rating Curve
TA = 25°C
Non-repetitive pulse waveform shown in fig. 3
RATING AND CHARACTERISTIC CURVES
LT4ME5.0A(CA) - LT4ME200A(CA)
O
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
Ambient Temperature °C
FIG.1- Pulse Derating Curve
10 x 1000 waveform as defined by R.E.A
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
200
T
L, Lead Temperature °
C
FIG.2- Steady State Power Derating Curve
60HZ resistive or inductive load
1
10
100
1000
10000
1
10
100
1000
Stand-Off Voltage (V)
FIG4- Typical Junction Capacitance
Bi-directional
Uni-directional
TJ = 25°C
Measured at F = 1MHZ 1.0 VRMS signal bias = 0 Vdc
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
3.5
4
Time,T(ms)
FIG.5- Pulse waveform
Pulse width (T
P) is
defined as that point
where the peak current
decays to 50% of I
RSM
10 * 1000 waveform as
defined by R.E.A.
TR = 10 us
Peak value (I
RSM)
Half value = I
RSM / 2
T
J = 25°C
TP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com