Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV320DB90WMF Datasheet(PDF) 53 Page - SPANSION

Part # AM29LV320DB90WMF
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DB90WMF Datasheet(HTML) 53 Page - SPANSION

Back Button AM29LV320DB90WMF Datasheet HTML 47Page - SPANSION AM29LV320DB90WMF Datasheet HTML 48Page - SPANSION AM29LV320DB90WMF Datasheet HTML 49Page - SPANSION AM29LV320DB90WMF Datasheet HTML 50Page - SPANSION AM29LV320DB90WMF Datasheet HTML 51Page - SPANSION AM29LV320DB90WMF Datasheet HTML 52Page - SPANSION AM29LV320DB90WMF Datasheet HTML 53Page - SPANSION AM29LV320DB90WMF Datasheet HTML 54Page - SPANSION AM29LV320DB90WMF Datasheet HTML 55Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
November 15, 2004
Am29LV320D
53
REVISION SUMMARY
Revision A (November 1, 2000)
Initial release.
Revision A+1 (January 23, 2001)
Ordering Information
Corrected FBGA part number table to include
bottom boot part numbers.
Revision A+2 (February 1, 2001)
Connection Diagrams
Corrected FBGA ball matrix.
Revision A+3 (July 2, 2001)
Global
Changed data sheet status from Advance Infor-
mation to Preliminary.
Table 3, Top Boot SecSiTM Sector Addresses
Corrected sector block size for SA60–SA62 to
3x64.
Sector/Sector Block Protection and
Unprotection
Noted that sectors are erased in parallel.
SecSiTM Sector (Secured Silicon) Flash Memory
Region
Noted changes for upcoming versions of these
devices: reduced SecSi Sector size, different
ESN location for top boot devices, and deletion
of SecSi Sector erase functionality. Current ver-
sions of these devices remain unaffected.
Revision B (July 12, 2002)
Global
Deleted Preliminary status from document.
Ordering Information
Deleted burn-in option.
Table 1, Am29LV320D Device Bus Operations
In the legend, corrected VHH maximum voltage
to 12.5 V.
SecSiTM Sector (Secured Silicon) Flash Memory
Region
Added description of SecSi Sector protection
verification.
Autoselect Command Sequence
Clarified description of function.
Table 14, Am29LV320D Command Definitions
Corrected autoselect codes for SecSi Sector
Factory Protect.
Erase and Program Operations table
Corrected to indicate tBUSY specification is a
maximum value.
Revision B+1 (July 30, 2002)
Figure 3, SecSi Sector Protect Verify
Deleted fifth block in flowchart and modified
text in fourth block.
Revision C (October 25, 2002)
Distinctive Characteristics
Changed endurance from “write” to “erase” cy-
cles.
Connection Diagrams
Deleted ultrasonic reference and added pack-
age types to special package handling text.
Ordering Information
Added commercial temperature range and re-
moved extended temperature range.
SecSi Sector Flash Memory Region
Customer Lockable subsection: Deleted refer-
ence to alternate method of sector protection.
Command Definitions
Noted the following:
Autoselect, SecSi Sector, and CFI functions are
not available during a program or erase opera-
tion.
ACC and unlock bypass modes are not available
when the SecSi Sector is enabled.
Writing incorrect data or commands may place
the device in an unknown state. A reset com-
mand is then required.
AC Characteristics
Read-only Operations; Word/Byte Configura-
tion: Changed tDF and tFLQZ to 16 ns for all
speed options.
DC Characteristics
Deleted IACC and added ILR specifications from
table.
TSOP, SO, and BGA Package Capacitance
Added BGA capacitance to table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com