Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C901AVIT Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
54
Am79C901A
PR ELI M IN AR Y
HPR26: HomePNA PHY Event Status Register (Register 26)
Table 34.
HPR26: HomePNA PHY Event Status Register (Register 26)
HPR27: HomePNA PHY AID Control Register (Register 27)
The HomePNA AID Control Register reports the state
of each event source. Any bit may be written and so
facilitate software-stimulated event testing.
Table 35.
HPR27: HomePNA PHY AID Control Register (Register 27)
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:10
Reserved
R0
9
RxPCOM
Indicates a valid RxPCOM. An access to the
RxCOM MSB Register 18 will clear this bit.
R0
8
TxPCOM
Indicates a valid TxPCOM. Any access to the
TxCOM registers (Registers 20 and 21) will clear
this bit.
R0
7:4
Reserved
Reads will produce undefined results. Should be
written as 0.
RX
3
Packet Received
Status is cleared by writing a 0.
R/W
0
2
Packet Transmitted
Status is cleared by writing a 0.
R/W
0
1
Remote Command Received
A valid remote command was received.
Status is cleared by writing a 0.
R/W
0
0
Remote Command Sent
A remote command has been sent.
Status is cleared by writing a 0.
R/W
0
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:8
AID_INTERVAL
This value defines the number of TCLKs (116.6 ns)
separating AID symbols.
R/W
14
7:0
AID_ISBI
This value defines the number of TCLKs (116.6 ns)
separating AID symbol 0.
R/W
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com