Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD54003-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD54003-E Datasheet HTML 7Page - STMicroelectronics PD54003-E Datasheet HTML 8Page - STMicroelectronics PD54003-E Datasheet HTML 9Page - STMicroelectronics PD54003-E Datasheet HTML 10Page - STMicroelectronics PD54003-E Datasheet HTML 11Page - STMicroelectronics PD54003-E Datasheet HTML 12Page - STMicroelectronics PD54003-E Datasheet HTML 13Page - STMicroelectronics PD54003-E Datasheet HTML 14Page - STMicroelectronics PD54003-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PD54003-E, PD54003S-E
Typical performance
11/28
Figure 18.
Output power vs.
bias current
Figure 19.
Drain efficiency vs. bias current
0
100
200
300
400
500
600
700
800
IDQ, BIAS CURRENT(mA)
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
480 MHz
500 MHz
520 MHz
Pin= 22 dBm
Vdd= 7.5 V
0
100
200
300
400
500
600
700
800
IDQ, BIAS CURRENT (mA)
10
20
30
40
50
60
480 MHz
500 MHz
520 MHz
Pin= 22 dBm
Vdd= 7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com