Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV23C Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23C Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAV23C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 07 — 19 March 2010
3 of 13
Nexperia
BAV23 series
Dual high-voltage switching diodes
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV23A
-
plastic surface-mounted package; 3 leads
SOT23
BAV23C
BAV23S
BAV23
-
plastic surface-mounted package; 4 leads
SOT143B
Table 5.
Marking codes
Type number
Marking code[1]
BAV23A
*V0
BAV23C
*V9
BAV23S
*V5
BAV23
*L3
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-250
V
VR
reverse voltage
-
200
V
IF
forward current
[1] -225
mA
[2] -125
mA
IFRM
repetitive peak forward
current
-625
mA
IFSM
non-repetitive peak forward
current
square wave
[3]
tp =1 s-
9
A
tp = 100 s-
3
A
tp =10ms
-
1.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com